Part Number Hot Search : 
1210N 00306 55C20 E4282 1008C 776299 TA8266H A303ERU
Product Description
Full Text Search
 

To Download GT-100-75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GT-100 SERIES-100W
ISO 9001:2000
REGISTERED
100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input
ELECTRICAL SPECIFICATIONS: INPUT VOLTAGE: 85 VAC TO 264 VAC SELECTED BY SWITCH INPUT CURRENT: < 1.6 A RMS AT 90 VAC INPUT INPUT FREQUENCY: 47 HZ - 63 HZ OUTPUT CURRENT: NO LOAD TO FULL LOAD, NO MINIMUM LOAD REQUIRED OUTPUT POWER (RATED): 100 WATTS MAX OUTPUT RIPPLE (PEAK TO PEAK): 100 mV (P-P) MODEL DEPENDENT OUTPUT REGULATION (LINE/LOAD): 0.2% - 0.5% MODEL + OUTPUT DEPENDENT LINE REGULATION: TURN ON/ TURN OFF OVERSHOOT: 4% MAX 500uS MAX RECOVERY TIME FOR 25% STEP LOAD TURN-ON DELAY: 1 SEC MAX HOLD-UP TIME: 10 mSEC MIN AT NOMINAL INPUT 115 VAC AND FULL LOAD INRUSH CURRENT: 30 A MAX AT COLD START FOR N.A. (60A FOR EURO), MODEL DEPENDENT EFFICIENCY: 70% - 84 % TYPICAL, MODEL + OUTPUT DEPENDENT SWITCHING FREQUENCY: 100 KHZ TYPICAL OVER-VOLTAGE PROTECTION: VOLTAGE LIMITED LESS 130% OF NOMINAL VOLTAGE FOR MAIN OUTPUT OVER-CURRENT / SHORT CIRCUIT: HICCUP WITH AUTO RECOVERY TO 1.1 - 1.3 IO OTHER PROTECTION: INPUT FUSING SAFETY APPROVALS: UL 1012, UL 60950 / 1950, CUL TO 22.2 # 234, 950, TUV TO EN 60950, CE CLASS I DIELECTRIC WITHSTAND VOLTAGE: 1500VAC PRIMARY-SECONDARY; 1500 VAC PRIMARYGROUND 500 VAC SECONDARY - GROUND
LEAKAGE CURRENT: < 1 mA/240VAC LINE SURGE: EN 61000-4-5 LEVEL 4 EMI: COMPLIES WITH EN55022, 1 CLASS B AND FCC PART 15 CLASS B WHEN TESTED WITH A RESISTIVE LOAD, BOTH CONDUCTED AND RADIATED CE MARK: TESTED TO COMPLY WITH EN61000-3-2, EN61000-3-3 AND EN50082-1 INCLUDING EN61000-4-2, EN61000-4-3, EN610004-4, EN61000-4-5, EN61000-4-6, EN61000-4-11 LEVEL 4, UNIT IS ELIGIBLE FOR CE MARK. MTBF: GREATER THAN 50,000 HOURS AT 25C AMBIENT TEMPERATURE OPERATING TEMPERATURE: 0C TO 45 C, DERATE LINEARY TO 60% OUTPUT POWER AT 60C STORAGE TEMPERATURE: -40C TO 80 C HUMIDITY: 0% TO 90% RELATIVE HUMIDITY
OUTPUT VOLTAGE / CURRENT: MODEL NUMBER GT-100-3 GT-100-5 GT-100-7.5 GT-100-10 GT-100-12 GT-100-15 GT-100-18 GT-100-24 GT-100-27 GT-100-48 OUTPUT VOLTAGE (VDC) + 3 +/-2% + 5 +/-2% + 7.5 +/-1% + 10 +/-1% + 12 +/-1% + 15 +/-1% + 18 +/-1% + 24 +/-1% + 27 +/-1% + 48 +/-1% OUTPUT CURRENT (mA) 20 20 13.6 10 8.5 6.7 5.6 4.5 3.7 2 RATED OUTPUT POWER (W) 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W 0 - 100 W
SPECIFICATIONS MAY CHANGE WITHOUT PRIOR NOTICE. CONSULT GLOBTEK CUSTOMER SERVICE FOR LATEST SPECIFICATIONS.
86
www.globtek.com
+1.201.784.1000
GT-100 SERIES-100W
100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input
ISO 9001:2000
REGISTERED
ENCLOSURES
SIZE: 199 X 98 X 38 + 1 MM CONFIGURATION: ENCLOSED SWITCHING POWER SUPPLY, AL. ALLOY 3003 OR EQUIVALENT, GOLD IRRIDITE, CHEM. TREATED FINISH,, CHASSIS: "U' CHANNEL, WITH (7) MOUNTING METRIC INSERT M3, AS SHOWN BELOW: (4) BOTTOM; (3) RIGHT SIDE. COVER: "L" SHAPE WITH HOLES SCREENED PATTERN FOR NATURAL CONVECTION COOLING THERMAL TRANSFER.
CHARTS
OUTPUT DERATING
STATIC CHARACTERISTICS
5V 6.5V / 7.5V
SPECIFICATIONS MAY CHANGE WITHOUT PRIOR NOTICE. CONSULT GLOBTEK CUSTOMER SERVICE FOR LATEST SPECIFICATIONS.
+1.201.784.1000
www.globtek.com
87


▲Up To Search▲   

 
Price & Availability of GT-100-75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X